Part Number Hot Search : 
L4TVS60A SC443103 7MBR1 SR250 ED050 1100H TLE7241E MAX515
Product Description
Full Text Search
 

To Download BAT42WS-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  lead-free ds30100 rev. 11 - 2 1 of 3 bat42 ws / bat4 3ws www.diodes.co m ? diodes incorporated bat42w s / ba t43ws surface mo unt schottky barri er diode features low forward voltage drop fast switching ultra-small surface mount package lead free /rohs co mpliant (note 3 ) case: sod-323 case material: molded pl astic. ul flamm ability classification rating 94v-0 moisture sensitivity: level 1 per j-std-020c leads: solderable per mil-std-202, method 208 lead free plating (matte tin finish annealed over alloy 42 leadframe). bat42ws marking: s7 bat43ws marking: s8 polarity: cathode band weight: 0.004 grams (approx.) mechanical data a b c d e g h j characteristic symbol bat42ws / bat43ws unit peak repetitive revers e voltage working peak revers e voltage dc blocking voltage v rrm v rwm v r 30 v rms reverse voltage v r (rms) 21 v forward continuous cur rent (note 1) i fm 200 ma repetitive peak forward cur rent (note 1) @ t < 1.0s i frm 500 ma non-repetitive peak forwar d surge current @ t < 10ms i fsm 4.0 a power dissipation (note 1) p d 200 mw thermal resistance j unction to ambient air (note 1) r q ja 625 c/w operating and storage temperature range t j , t stg -55 to +125 c maximum ratings @ t a = 25 c unless otherwise s pecified characteristic symbol min max unit test condition reverse break down voltage (note 2) v (br)r 30 ? v i r = 100 m a forward voltage drop both types bat42ws bat42ws bat43ws bat43ws v f ? ? ? 0.26 ? 1.0 0.40 0.65 0.33 0.45 v i f = 200ma i f = 10ma i f = 50ma i f = 2.0ma i f = 15ma reverse cur rent (note 2) i r ? 500 100 na m a v r = 25v v r = 25v, t j = 100 c total capacitance c t ? 10 pf v r = 1.0, f = 1.0mhz reverse rec overy t ime t rr ? 5.0 ns i f = i r = 10ma, i rr = 0.1 x i r , r l = 100 w electri cal character isti cs @ t a = 25 c unless otherwise s pecified notes: 1. part mounted on fr4 pc board with recommended pad lay out, which can be found on our website at http: //www.diodes.com/datasheets/ap02001.pdf . 2. short durat ion test pulse used to minimize self-heating effect. 3. no purposefully added lead. sod-323 dim min max a 2.30 2.70 b 1.60 1.80 c 1.20 1.40 d 1.05 typical e 0.25 0.35 g 0.20 0.40 h 0.10 0.15 j 0.05 typical a 0 8 all dimensions in m m
ds30100 rev. 11 - 2 2 of 3 bat42 ws / bat4 3ws www.diodes.co m 1 0 0 2 0 3 0 4 0 v , i n s t a n t a n e o u s r e v e r s e v o l t a g e ( v ) r f i g . 3 t y p i c a l r e v e r s e c h a r a c t e r i s t i c s t = 1 2 5 o c a t = 7 5 o c a t = 2 5 o c a 1 0 0 1 0 1 . 0 0 . 1 0 . 0 1 1 0 0 0 0 . 1 1 . 0 1 0 1 0 0 0 2 0 0 4 0 0 6 0 0 8 0 0 i , i n s t a n t a n e o u s f o r w a r d c u r r e n t ( m a ) f v , i n s t a n t a n e o u s f o r w a r d v o l t a g e ( m v ) f f i g . 2 t y p i c a l f o r w a r d c h a r a c t e r i s t i c s t = - 2 5 o c a t = 2 5 o c a t = 1 2 5 o c a t = 7 5 o c a 0 0 2 0 4 0 2 5 5 0 7 5 1 0 0 1 2 5 1 5 0 i , a v e r a g e r e c t i f i e d c u r r e n t ( m a ) o t , a m b i e n t t e m p e r a t u r e ( c ) a f i g . 1 f o r w a r d c u r r e n t d e r a t i n g c u r v e 6 0 8 0 1 0 0 t = 1 2 5 c j 1 . 0 1 0 1 0 0 0 1 5 1 0 2 5 3 0 3 5 2 0 4 0 c , t o t a l c a p a c i t a n c e ( p f ) t v , r e v e r s e v o l t a g e ( v ) r f i g . 4 t o ta l c a p a c i ta n c e v s . r e v e r s e vo l ta g e 5 . 0 t = 2 5 c j f = 1 m h z notes: 4. for packaging details, go to our website at http:/ /www.diodes.com/datasheets/ap02007.pdf. device packaging shipping bat42ws-7 -f bat43ws-7 -f sod-323 3000/tape & reel orderi ng inform ation (note 4) marking i nformat ion x x xx = product type marking code see sheet 1
ds30100 rev. 11 - 2 3 of 3 bat42 ws / bat4 3ws www.diodes.co m i m p o r t a n t n o t i c e d i o d e s i n c o r p o r a t e d a n d i t s s u b s i d i a r i e s r e s e r v e t h e r i g h t t o m a k e m o d i f i c a t i o n s , e n h a n c e m e n t s , i m p r o v e m e n t s , c o r r e c t i o n s o r o t h e r c h a n g e s w i t h o u t f u r t h e r n o t i c e t o a n y p r o d u c t h e r e i n . d i o d e s i n c o r p o r a t e d d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g o u t o f t h e a p p l i c a t i o n o r u s e o f a n y p r o d u c t d e s c r i b e d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y l i c e n s e u n d e r i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f p r o d u c t s i n s u c h a p p l i c a t i o n s s h a l l a s s u m e a l l r i s k s o f s u c h u s e a n d w i l l a g r e e t o h o l d d i o d e s i n c o r p o r a t e d a n d a l l t h e c o m p a n i e s w h o s e p r o d u c t s a r e r e p r e s e n t e d o n o u r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s . l i f e s u p p o r t d i o d e s i n c o r p o r a t e d p r o d u c t s a r e n o t a u t h o r i z e d f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u p p o r t d e v i c e s o r s y s t e m s w i t h o u t t h e e x p r e s s e d w r i t t e n a p p r o v a l o f t h e p r e s i d e n t o f d i o d e s i n c o r p o r a t e d .


▲Up To Search▲   

 
Price & Availability of BAT42WS-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X